|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
SHINDENGEN General Purpose Rectifiers Single D4F60 600V 4A OUTLINE DIMENSIONS Case : 2F Unit : mm RATINGS *oeAbsolute Maximum Ratings (If not specified Tl=25*Z) Item Symbol Conditions Ratings Unit Storage Temperature Tstg -55*150 *Z Operating Junction Temperature Tj 150 *Z Maximum Reverse Voltage V RM 600 V 50Hz sine wave, R-load Tl=68*Z 4 Average Rectified Forward Current 50Hz sine wave, R-load Ta=25*Z On alumina substrate A IO 1.85 50Hz sine wave, R-load Ta=25*Z On glass-epoxy substrate 1.3 Peak Surge Forward Current IFSM50Hz sine wave, Non-repetitive 1 cycle peak value, Tj=25*Z A 200 2 1ms*...t*10*" Current squared time It A2 s 150 *oeElectrical Characteristics (If not specified Tl=25*Z) Item Symbol Conditions Forward Voltage V I =4A FF Pulse measurement Reverse Current IR V=600V R Pulse measurement AEjl junction to lead Thermal Resistance AEjajunction to ambient, On alumina substrate junction to ambient, On glass-epoxy substrate Ratings Unit Max.0.95 V Max.10 EA Max.23 Max.80 *Z/W Max.115 Copyright & Copy;2000 Shindengen Electric Mfg.Co.Ltd D4F60 100 Forward Voltage 10 Forward Current IF [A] Tl=150C [TYP] Tl=25C [TYP] 1 Pulse measurement per diode 0.1 0 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 Forward Voltage VF [V] D4F60 5 Forward Power Dissipation Forward Power Dissipation PF [W] 4 SIN 3 2 1 0 0 1 2 3 4 5 Average Rectified Forward Current IO [A] Tj = 150C Sine wave D4F60 2.5 Derating Curve Average Rectified Forward Current IO [A] 2 SIN Alumina substrate Soldering land 2mm Conductor layer 20m Substrate thickness 0.64mm 1.5 1 0.5 0 0 20 40 60 80 100 120 140 160 Ambient Temperature Ta [C] VR = VRM 0 0 IO VR tp D=tp /T T D4F60 2 Derating Curve Average Rectified Forward Current IO [A] 1.5 SIN Glass-epoxy substrate Soldering land 2mm Conductor layer 35m 1 0.5 0 0 20 40 60 80 100 120 140 160 Ambient Temperature Ta [C] VR = VRM 0 0 IO VR tp D=tp /T T D4F60 6 Derating Curve Average Rectified Forward Current IO [A] 5 SIN 4 3 2 1 0 0 20 40 60 80 100 120 140 160 Lead Temperature Tl [C] VR = VRM 0 0 IO VR tp D=tp /T T D4F60 250 Peak Surge Forward Capability IFSM 10ms 10ms 1 cycle 200 Peak Surge Forward Current IFSM [A] non-repetitive, sine wave, Tj=25C before surge current is applied 150 100 50 0 1 2 5 10 20 50 100 Number of Cycles [cycles] |
Price & Availability of D4F60 |